Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VP7615 Fiches technique(PDF) 15 Page - Mitel Networks Corporation

No de pièce VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITEL [Mitel Networks Corporation]
Site Internet  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Fiches technique(HTML) 15 Page - Mitel Networks Corporation

Back Button VP7615 Datasheet HTML 11Page - Mitel Networks Corporation VP7615 Datasheet HTML 12Page - Mitel Networks Corporation VP7615 Datasheet HTML 13Page - Mitel Networks Corporation VP7615 Datasheet HTML 14Page - Mitel Networks Corporation VP7615 Datasheet HTML 15Page - Mitel Networks Corporation VP7615 Datasheet HTML 16Page - Mitel Networks Corporation VP7615 Datasheet HTML 17Page - Mitel Networks Corporation VP7615 Datasheet HTML 18Page - Mitel Networks Corporation VP7615 Datasheet HTML 19Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
VP7615
Addresses 0x30 - 0x3F Gamma Values Write Register
Write
The 16 values that are written to these registers determine the
breakpoints in the Gamma correction circuit. The lower four bits of the
address are ignored on writes, and the data values are pushed on to an
internal shift register. The writes should start with the lowest value and
end with the highest value. The last 16 values written generate the
Gamma curve, so all 16 values must be written. It is recommended that all
16 writes occur to address 0x30 with auto-increment disabled.
All sixteen Gamma registers default on chip reset to 0x00.
Addresses 0x30 - 0x3F Gamma Values Read Register
Read
The breakpoints in the Gamma correction circuit are read from
these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25