| Moteur de recherche de fiches techniques de composants électroniques |
|
VP7615 Fiches technique(PDF) 13 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
VP7615 Fiches technique(HTML) 13 Page - Mitel Networks Corporation |
|
13 / 25 page ![]() 13 VP7615 Address 0x10 Lower Byte Red Chroma Register Read Only This register contains Bits 07 - 00 of the Sum of the Red Chrominance of the pixels within the Metrics window. Address 0x11 Lower Middle Byte Red Chroma Register Read Only This register contains Bits 15 - 08 of the Sum of the Red Chrominance of the pixels within the Metrics window. Address 0x12 Upper Middle Byte Red Chroma Register Read Only This register contains Bits 23 - 16 of the Sum of the Red Chrominance of the pixels within the Metrics window. Address 0x13 Upper Byte Red Chroma Register Read Only This register contains Bits 31 - 24 of the Sum of the Red Chrominance of the pixels within the Metrics window. Address 0x14 Lower Byte Blue Chroma Register Read Only This register contains Bits 07 - 00 of the Sum of the Blue Chrominance of the pixels within the Metrics window. Address 0x15 Lower Middle Byte Blue Chroma Register Read Only This register contains Bits 15 - 08 of the Sum of the Blue Chrominance of the pixels within the Metrics window. Address 0x16 Upper Middle Byte Blue Chroma Register Read Only This register contains Bits 23 - 16 of the Sum of the Blue Chrominance of the pixels within the Metrics window. Address 0x17 Upper Byte Blue Chroma Register Read Only This register contains Bits 31 - 24 of the Sum of the Blue Chrominance of the pixels within the Metrics window. Address 0x18 Lower Byte Luminance Register Read Only This register contains Bits 07 - 00 of the Sum of the Luminance of the pixels within the Metrics window. Address 0x19 Lower Middle Byte Luminance Register Read Only This register contains Bits 15 - 08 of the Sum of the Luminance of the pixels within the Metrics window. Address 0x1A Upper Middle Byte Luminance Register Read Only This register contains Bits 23 - 16 of the Sum of the Luminance of the pixels within the Metrics window. Address 0x1B Upper Byte Luminance Register Read Only This register contains Bits 31 - 24 of the Sum of the Luminance of the pixels within the Metrics window. Address 0x1C Peak Luminance Register Read Only This register contains the peak value of the filtered Luminance of the pixels within the Metrics window. Address 0x20 Sum to Red Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Red signal from the Sum signal. Address 0x21 AmB to Red Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Red signal from the AmB signal. Address 0x22 CmD to Red Coefficient Register Read/Write This register contains the magnitude of the Coefficient which determines the contribution to the Red signal from the CmD signal. |