Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VP7615 Fiches technique(PDF) 10 Page - Mitel Networks Corporation

No de pièce VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITEL [Mitel Networks Corporation]
Site Internet  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Fiches technique(HTML) 10 Page - Mitel Networks Corporation

Back Button VP7615 Datasheet HTML 6Page - Mitel Networks Corporation VP7615 Datasheet HTML 7Page - Mitel Networks Corporation VP7615 Datasheet HTML 8Page - Mitel Networks Corporation VP7615 Datasheet HTML 9Page - Mitel Networks Corporation VP7615 Datasheet HTML 10Page - Mitel Networks Corporation VP7615 Datasheet HTML 11Page - Mitel Networks Corporation VP7615 Datasheet HTML 12Page - Mitel Networks Corporation VP7615 Datasheet HTML 13Page - Mitel Networks Corporation VP7615 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
VP7615
Address 0x0A GPIO Output Control Register
Read/Write
Bit 7
GPIO7 Output Enable
Bit 6
GPIO6 Output Enable
Bit 5
GPIO5 Output Enable
Bit 4
GPIO4 Output Enable
Bit 3
GPIO3 Output Enable
Bit 2
GPIO2 Output Enable
Bit 1
GPIO1 Output Enable
Bit 0
GPIO0 Output Enable
‘0’ =
Corresponding GPIO pin is tristated/not driven.
‘1’ =
Corresponding GPIO pin is driven to level of corresponding bit in GPIO Output Register.
Address 0x0B GPIO Output Register
Write Only
Bit 7
GPIO7 Output Level
Bit 6
GPIO6 Output Level
Bit 5
GPIO5 Output Level
Bit 4
GPIO4 Output Level
Bit 3
GPIO3 Output Level
Bit 2
GPIO2 Output Level
Bit 1
GPIO1 Output Level
Bit 0
GPIO0 Output Level
‘0’ =
If corresponding GPIO Output Enable bit is ‘1’, then drive the appropriate GPIO pin to ‘0’
‘1’ =
If corresponding GPIO Output Enable bit is ‘1’, then drive the appropriate GPIO pin to ‘1’
‘X’ =
If the corresponding GPIO Output Enable bit it ‘0’, then tri-state the appropriate GPIO pin.
Address 0x0B GPIO Input Register
Read Only
Bits 7 - 0
GPIO Input Register
This register represents the level on the corresponding GPIO pins.
7
GPOE7
6
GPOE6
5
GPOE5
4
GPOE4
3
GPOE3
2
GPOE2
1
GPOE1
0
GPOE0
7
GPO7
6
GPO6
5
GPO5
4
GPO4
3
GPO3
2
GPO2
1
GPO1
0
GPO0
7
GPI7
6
GPI6
5
GPI5
4
GPI4
3
GPI3
2
GPI2
1
GPI1
0
GPI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25