Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATECC608B Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Fiches technique(HTML) 17 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 13Page - Microchip Technology ATECC608B Datasheet HTML 14Page - Microchip Technology ATECC608B Datasheet HTML 15Page - Microchip Technology ATECC608B Datasheet HTML 16Page - Microchip Technology ATECC608B Datasheet HTML 17Page - Microchip Technology ATECC608B Datasheet HTML 18Page - Microchip Technology ATECC608B Datasheet HTML 19Page - Microchip Technology ATECC608B Datasheet HTML 20Page - Microchip Technology ATECC608B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
RECOMMENDED LAND PATTERN
Microchip Technology Drawing C04-2057-SWB Rev E
8-Lead Plastic Small Outline - Narrow, 3.90 mm (.150 In.) Body [SOIC]
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2017 Microchip Technology Inc.
R
Dimension Limits
Units
C
Contact Pad Spacing
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
5.40
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
1.55
0.60
NOM
E
X1
C
Y1
SILK SCREEN
Atmel Legacy Global Package Code SWB
ATECC608B
Package Drawings
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28