Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATECC608B Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Fiches technique(HTML) 21 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 17Page - Microchip Technology ATECC608B Datasheet HTML 18Page - Microchip Technology ATECC608B Datasheet HTML 19Page - Microchip Technology ATECC608B Datasheet HTML 20Page - Microchip Technology ATECC608B Datasheet HTML 21Page - Microchip Technology ATECC608B Datasheet HTML 22Page - Microchip Technology ATECC608B Datasheet HTML 23Page - Microchip Technology ATECC608B Datasheet HTML 24Page - Microchip Technology ATECC608B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
5.3
3 Lead Contact
B
A
0.10 C
0.10 C
0.10
C A B
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.10 C
0.08 C
Microchip Technology Drawing C04-21303 Rev A Sheet 1 of 2
2X
3X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
3-Lead Contact Package (LAB) - 6.54x2.5 mm Body [Contact]
Atmel Legacy Global Package Code RHB
© 2017 Microchip Technology Inc.
D
E
NOTE 1
e
3X b
3X L
(K)
(K)
A
A1
123
g
f
ATECC608B
Package Drawings
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28