Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATECC608B Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Fiches technique(HTML) 13 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 9Page - Microchip Technology ATECC608B Datasheet HTML 10Page - Microchip Technology ATECC608B Datasheet HTML 11Page - Microchip Technology ATECC608B Datasheet HTML 12Page - Microchip Technology ATECC608B Datasheet HTML 13Page - Microchip Technology ATECC608B Datasheet HTML 14Page - Microchip Technology ATECC608B Datasheet HTML 15Page - Microchip Technology ATECC608B Datasheet HTML 16Page - Microchip Technology ATECC608B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
• Added self test command, optional automatic power-on self test
• Unaligned public key for built-in X.509 cert key validation
• Optional power reduction at increased execution time
• Programmable I2C address after data (secret) zone lock
Features Eliminated in ATECC608B vs. ATECC508A
• HMAC command removed, replaced via new more powerful SHA command
• OTP consumption mode eliminated, now read only
• Pause command eliminated along with related Selector function in UpdateExtra
• Slot 15 special limited use eliminated, replaced with standard monotonic counter limited use
• SHA command no longer uses TempKey during the digest calculation and the result in TempKey is unchanged
throughout the SHA operation. TempKey can however still be used to initialize the SHA for the HMAC_Start or to
store the final digest.
3.3
Microchip ATSHA204A, ATECC108A
The ATECC608B is generally compatible with all ATSHA204/A and ATECC108/A devices. If properly configured, it
can be used in most situations where these devices are currently employed. For ATSHA204A and ATECC108A
compatibility restrictions, see the ATECC508A data sheet.
ATECC608B
Compatibility
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28