| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5535 Fiches technique(PDF) 16 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535 Fiches technique(HTML) 16 Page - National Semiconductor (TI) |
|
16 / 555 page ![]() www.national.com 16 Revision 0.8 Architecture Overview (Continued) 1.9 PROCESSOR SUPPORT / SYSTEM OVERVIEW As previously stated, the CS5535 was designed to inter- face with GX2 processor series. Figure 1-2 and Figure 1-3 show typical block diagrams for a WebPAD™ system and thin client application based on the GX2 and CS5535. Figure 1-2. Typical WebPAD™ System Block Diagram USB Port 2 USB Port 3 Geode™ GX2 Geode™ CS5535 PCI1211 TPS2211 Cardbus Socket PADCard Connector CPLD SDRAM SODIMM CE Optional Cardbus Controller PCI LPC Bus LPC XpressROM M-Systems LPC DiskOnChip Compact Flash IDE LVDS TFT LCD DSTN LCD COP8™ 2-Wire UART I/F LM4549 LM4880 Mic In Internal Mic Touchscreen Interface Headphone LM3544 USB Port 3 USB Port 2 Power Section AC Cube Charger Includes: LM2676 LM3430 LiIon Battery LM2633 CPU Core, I/O, & Memory LM2951 5V/3.3V AC Adapter or Battery Power Clock Generator for all clocks Choose 1 |