| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5535 Fiches technique(PDF) 23 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535 Fiches technique(HTML) 23 Page - National Semiconductor (TI) |
|
23 / 555 page ![]() Revision 0.8 23 www.national.com Signal Definitions (Continued) J4 VSS GND --- J14 VSS GND --- J15 NC --- --- J16 AVSS_USB AGND AVSS_USB J17 AVDD_USB APWR AVDD_USB K1 LPC_AD3 I/O PCI Ball Opt MSR [6] = 1 GPIO19 I/O Ball Opt MSR [6] = 0 K2 IRQ13 I Q7 K3 GPIO1 I/O Q7 Default AC_BEEP O AUX_OUT_1 MFGPT0_C2 O AUX_OUT_2 K4 VCORE PWR --- K14 VCORE PWR --- K15 NC --- --- K16 USB1_1_DATPOS I/O Bare_Wire K17 USB1_1_DATNEG I/O Bare_Wire L1 AC_S_IN I Q7 L2 AC_S_OUT O Q7 BOS1 I L3 AC_S_SYNC O Q7 BOS0 I L4 VSS GND --- L14 VSS GND --- L15 NC --- --- L16 USB1_2_DATPOS I/O Bare_Wire L17 USB1_2_DATNEG I/O Bare_Wire M1 AC_CLK I Q7 M2 T_DEBUG_IN I Q5 M3 T_DEBUG_OUT O Q5 M4 VIO PWR --- M14 VIO PWR --- M15 NC --- --- M16 AVSS_USB AGND AVSS_USB M17 AVDD_USB APWR AVDD_USB N1 SUSPA# I Q7 N2 TCK I Q7 N3 TMS I Q7 N4 VSS GND --- N14 VSS GND --- N15 USB_OC_SENS# I Q7 N16 USB_PWR_EN2 O Q7 N17 MHZ48_CLK I Q3 P1 TDI I Q5 P2 TDO O, TS Q5 P3 SUSP# O Q3 CIS O P4 VIO PWR --- P5 VSS GND --- P6 VIO PWR --- Ball No. Signal NameNote 1 Type Buffer TypeNote 2 Configuration P7 VSS GND --- P8 VCORE PWR --- P9 VIO PWR --- P10 VCORE PWR --- P11 VSS GND --- P12 VIO PWR --- P13 VSS GND --- P14 VIO PWR --- P15 AD7 I/O PCI P16 AD4 I/O PCI P17 USB_PWR_EN1 O Q7 R1 GNT# I PCI R2 GPIO0 I/O PCI R3 NC --- --- R4 AD28 I/O PCI R5 AD26 I/O PCI R6 C/BE3# I/O PCI R7 AD21 I/O PCI R8 AD18 I/O PCI R9 NC --- --- R10 IRDY# I/O PCI R11 DEVSEL# I/O PCI R12 AD15 I/O PCI R13 AD12 I/O PCI R14 AD9 I/O PCI R15 AD6 I/O PCI R16 AD2 I/O PCI R17 AD0 I/O PCI T1 REQ# O PCI T2 NC --- --- T3 AD30 I/O PCI T4 AD27 I/O PCI T5 AD25 I/O PCI T6 AD23 I/O PCI T7 AD20 I/O PCI T8 AD17 I/O PCI T9 C/BE2# I/O PCI T10 TRDY# I/O PCI T11 STOP# I/O PCI T12 AD14 I/O PCI T13 AD11 I/O PCI T14 AD8 I/O PCI T15 AD5 I/O PCI T16 AD3 I/O PCI T17 AD1 I/O PCI U1 AD31 I/O PCI U2 NC --- --- U3 AD29 I/O PCI U4 PCI_CLK I Q3 U5 AD24 I/O PCI U6 AD22 I/O PCI Ball No. Signal NameNote 1 Type Buffer TypeNote 2 Configuration Table 2-2. Ball Assignments: Sorted by Ball Number (Continued) |