| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5535 Fiches technique(PDF) 25 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535 Fiches technique(HTML) 25 Page - National Semiconductor (TI) |
|
25 / 555 page ![]() Revision 0.8 25 www.national.com Signal Definitions (Continued) Table 2-3. Ball Assignments: Sorted Alphabetically by Signal Name Signal Name Muxed with Ball No. 32KHZ GPIO27, MFGPT7_C1 C8 AC_BEEP GPIO1, MFGPT0_C2 K3 AC_CLK M1 AC_S_IN L1 AC_S_IN2 GPIO12, SLEEP_Y J3 AC_S_OUT BOS1 L2 AC_S_SYNC BOS0 L3 AD0 R17 AD1 T17 AD2 R16 AD3 T16 AD4 P16 AD5 T15 AD6 R15 AD7 P15 AD8 T14 AD9 R14 AD10 U13 AD11 T13 AD12 R13 AD13 U12 AD14 T12 AD15 R12 AD16 U8 AD17 T8 AD18 R8 AD19 U7 AD20 T7 AD21 R7 AD22 U6 AD23 T6 AD24 U5 AD25 T5 AD26 R5 AD27 T4 AD28 R4 AD29 U3 AD30 T3 AD31 U1 AVDD_USB F17, J17, M17 AVSS_USB F16, J16, M16 BOS0 AC_S_SYNC L3 BOS1 AC_S_OUT L2 C/BE0# U14 C/BE1# U11 C/BE2# T9 C/BE3# R6 CIS SUSP# P3 DEVSEL# R11 FLASH_AD10/IO0 IDE_DATA0 B14 FLASH_AD11/IO1 IDE_DATA1 A15 FLASH_AD12/IO2 IDE_DATA2 C15 FLASH_AD13/IO3 IDE_DATA3 C16 FLASH_AD14/IO4 IDE_DATA4 B17 FLASH_AD15/IO5 IDE_DATA5 D15 FLASH_AD16/IO6 IDE_DATA6 E15 FLASH_AD17/IO7 IDE_DATA7 E16 FLASH_AD18/AD3 IDE_DATA8 E17 FLASH_AD19/AD4 IDE_DATA9 D17 FLASH_AD20/AD5 IDE_DATA10 D16 FLASH_AD21/AD6 IDE_DATA11 C17 FLASH_AD22/AD7 IDE_DATA12 A17 FLASH_AD23/AD8 IDE_DATA13 B16 FLASH_AD24/AD9 IDE_DATA14 B15 FLASH_AD25/AD0 IDE_AD0 A11 FLASH_AD26/AD1 IDE_AD1 A12 FLASH_AD27/AD2 IDE_AD2 B11 FLASH_ALE IDE_DATA15 C14 FLASH_CE0# IDE_CS0# B10 FLASH_CE1# IDE_CS1# C10 FLASH_CE2# IDE_DREQ0# A14 FLASH_CE3# IDE_DACK0# C12 FLASH_CLE IDE_AD0 A11 FLASH_CS0# IDE_CS0# B10 FLASH_CS1# IDE_CS1# C10 FLASH_CS2# IDE_DREQ0# A14 FLASH_CS3# IDE_DACK0# C12 FLASH_IOCHRDY IDE_RDY0 A13 FLASH_RDY/BUSY# IDE_RDY0 A13 FLASH_RE# IDE_IOR0# B13 FLASH_WE# IDE_IOW0# C13 FRAME# U9 FUNC_TEST F3 GNT# R1 GPIO0 R2 GPIO1 AC_BEEP, MFGPT0_C2 K3 GPIO2 IDE_IRQ0 B12 GPIO3 UART2_RX E1 GPIO4 UART2_TX E2 GPIO5 MFGPT1_RS, MFGPT0_C1 D3 GPIO6 MFGPT0_RS, MFGPT1_C1, MFGPT2_C2 D2 Signal Name Muxed with Ball No. GPIO7 MFGPT2_C1, SLEEP_X C2 GPIO8 UART1_TX, UART1_IR_TX E3 GPIO9 UART1_RX, UART1_IR_RX D1 GPIO10 THRM_ALRM# C3 GPIO11 SLP_CLK_EN#, MFGPT1_C2 A1 GPIO12 AC_S_IN2, SLEEP_Y J3 GPIO13 SLEEP_BUT F2 GPIO14 SMB_CLK G3 GPIO15 SMB_DATA F1 GPIO16 LPC_AD0 H2 GPIO17 LPC_AD1 J2 GPIO18 LPC_AD2 J1 GPIO19 LPC_AD3 K1 GPIO20 LPC_DRQ G1 GPIO21 LPC_SERIRQ, MFGPT2_RS G2 GPIO22 LPC_FRAME# H3 GPIO24 WORK_AUX C9 GPIO25 LOW_BAT#, MFGPT7_C2 A9 GPIO26 MFGPT7_RS B7 GPIO27 MFGPT7_C1, 32KHZ C8 GPIO28 PWR_BUT# A8 IDE_AD0 FLASH_AD25/AD0, FLASH_CLE A11 IDE_AD1 FLASH_AD26/AD1 A12 IDE_AD2 FLASH_AD27/AD2 B11 IDE_CS0# FLASH_CS0#, FLASH_CE0# B10 IDE_CS1# FLASH_CS1#, FLASH_CE1# C10 IDE_DACK0# FLASH_CS3#, FLASH_CE3# C12 IDE_DATA0 FLASH_AD10/IO0 B14 IDE_DATA1 FLASH_AD11/IO1 A15 IDE_DATA2 FLASH_AD12/IO2 C15 IDE_DATA3 FLASH_AD13/IO3 C16 IDE_DATA4 FLASH_AD14/IO4 B17 IDE_DATA5 FLASH_AD15/IO5 D15 IDE_DATA6 FLASH_AD16/IO6 E15 IDE_DATA7 FLASH_AD17/IO7 E16 IDE_DATA8 FLASH_AD18/AD3 E17 IDE_DATA9 FLASH_AD19/AD4 D17 IDE_DATA10 FLASH_AD20/AD5 D16 Signal Name Muxed with Ball No. |