Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5535 Fiches technique(PDF) 451 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Fiches technique(HTML) 451 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 447Page - National Semiconductor (TI) CS5535 Datasheet HTML 448Page - National Semiconductor (TI) CS5535 Datasheet HTML 449Page - National Semiconductor (TI) CS5535 Datasheet HTML 450Page - National Semiconductor (TI) CS5535 Datasheet HTML 451Page - National Semiconductor (TI) CS5535 Datasheet HTML 452Page - National Semiconductor (TI) CS5535 Datasheet HTML 453Page - National Semiconductor (TI) CS5535 Datasheet HTML 454Page - National Semiconductor (TI) CS5535 Datasheet HTML 455Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 555 page
background image
Revision 0.8
451
www.national.com
GPIO Subsystem Register Descriptions (Continued)
GPIO High Bank Read Back (GPIOH_READ_BACK)
GPIO I/O Offset
B0h
Type
RO
Reset Value
00000000h
GPIOH_READ_BACK Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
GPIOH_READ_BACK Bit Descriptions
Bit
Name
Description
31:16
RSVD
Reserved. Reads back 0.
15
RSVD
Reserved. Reads back 0.
14
RSVD
Reserved. Reads back 0.
13
RSVD
Reserved. Reads back 0.
12
RB_28
GPIO28 Read Back Value. Provides status (1/0) of the associated GPIO ball.
11
RB_27
GPIO27 Read Back Value. Provides status (1/0) of the associated GPIO ball.
10
RB_26
GPIO26 Read Back Value. Provides status (1/0) of the associated GPIO ball.
9
RB_25
GPIO25 Read Back Value. Provides status (1/0) of the associated GPIO ball.
8
RB_24
GPIO24 Read Back Value. Provides status (1/0) of the associated GPIO ball.
7
RSVD
Reserved. Reads back 0.
6
RB_22
GPIO22 Read Back Value. Provides status (1/0) of the associated GPIO ball.
5
RB_21
GPIO21 Read Back Value. Provides status (1/0) of the associated GPIO ball.
4
RB_20
GPIO20 Read Back Value. Provides status (1/0) of the associated GPIO ball.
3
RB_19
GPIO19 Read Back Value. Provides status (1/0) of the associated GPIO ball.
2
RB_18
GPIO18 Read Back Value. Provides status (1/0) of the associated GPIO ball.
1
RB_17
GPIO17 Read Back Value. Provides status (1/0) of the associated GPIO ball.
0
RB_16
GPIO16 Read Back Value. Provides status (1/0) of the associated GPIO ball.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More