Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC3403C Fiches technique(PDF) 9 Page - Renesas Technology Corp

No de pièce UPC3403C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3403C Fiches technique(HTML) 9 Page - Renesas Technology Corp

Back Button UPC3403C Datasheet HTML 2Page - Renesas Technology Corp UPC3403C Datasheet HTML 3Page - Renesas Technology Corp UPC3403C Datasheet HTML 4Page - Renesas Technology Corp UPC3403C Datasheet HTML 5Page - Renesas Technology Corp UPC3403C Datasheet HTML 6Page - Renesas Technology Corp UPC3403C Datasheet HTML 7Page - Renesas Technology Corp UPC3403C Datasheet HTML 8Page - Renesas Technology Corp UPC3403C Datasheet HTML 9Page - Renesas Technology Corp UPC3403C Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet G12847EJ7V0DS
7
µPC3403
RECOMMENDED SOLDERING CONDITIONS
The
µPC3403 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
TYPES OF SURFACE MOUNT DEVICE
µPC3403G2: 14-pin plastic SOP (5.72 mm (225))
Process
Conditions
Symbol
Infrared Ray Reflow
Peak temperature: 230°C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210°C or higher),
Maximum number of reflow processes: 1 time.
IR30-00-1
Vapor Phase Soldering
Peak temperature: 215°C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200°C or higher),
Maximum number of reflow processes: 1 time.
VP15-00-1
Wave Soldering
Solder temperature: 260°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120°C or below (Package surface temperature).
WS60-00-1
Partial Heating Method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (Per each side of the device).
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.
TYPES OF THROUGH HOLE DEVICE
µPC3403C: 14-pin plastic DIP (7.62 mm (300))
Soldering
method
Soldering conditions
Recommended
condition symbol
Wave soldering
Solder temperature: 260°C or below,
Flow time: 10 seconds or below



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com