Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC3403C Fiches technique(PDF) 8 Page - Renesas Technology Corp

No de pièce UPC3403C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3403C Fiches technique(HTML) 8 Page - Renesas Technology Corp

Back Button UPC3403C Datasheet HTML 2Page - Renesas Technology Corp UPC3403C Datasheet HTML 3Page - Renesas Technology Corp UPC3403C Datasheet HTML 4Page - Renesas Technology Corp UPC3403C Datasheet HTML 5Page - Renesas Technology Corp UPC3403C Datasheet HTML 6Page - Renesas Technology Corp UPC3403C Datasheet HTML 7Page - Renesas Technology Corp UPC3403C Datasheet HTML 8Page - Renesas Technology Corp UPC3403C Datasheet HTML 9Page - Renesas Technology Corp UPC3403C Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet G12847EJ7V0DS
6
µPC3403
C
D
M
G
P
detail of lead end
M
1
7
14
8
F
E
B
S
K
L
J
A
H
I
NS
ITEM
B
C
I
14-PIN PLASTIC SOP (5.72 mm (225))
D
E
G
H
J
P
MILLIMETERS
1.27 (T.P.)
1.42 MAX.
A
10.2
±0.26
4.4
±0.1
0.1
±0.1
0.42
6.5
±0.2
1.49
+0.08
−0.07
1.1
±0.16
3
°+7°
−3°
NOTE
Each lead centerline is located within 0.1 mm of
its true position (T.P.) at maximum material condition.
F
1.59+
0.21
−0.2
K
L
M
N
0.6
±0.2
0.17
0.1
0.10
+0.08
−0.07
S14GM-50-225B, C-6



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com