Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC3403C Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce UPC3403C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3403C Fiches technique(HTML) 7 Page - Renesas Technology Corp

Back Button UPC3403C Datasheet HTML 2Page - Renesas Technology Corp UPC3403C Datasheet HTML 3Page - Renesas Technology Corp UPC3403C Datasheet HTML 4Page - Renesas Technology Corp UPC3403C Datasheet HTML 5Page - Renesas Technology Corp UPC3403C Datasheet HTML 6Page - Renesas Technology Corp UPC3403C Datasheet HTML 7Page - Renesas Technology Corp UPC3403C Datasheet HTML 8Page - Renesas Technology Corp UPC3403C Datasheet HTML 9Page - Renesas Technology Corp UPC3403C Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet G12847EJ7V0DS
5
µPC3403
PACKAGE DRAWINGS (Unit: mm)
14-PIN PLASTIC DIP (7.62 mm (300))
ITEM
MILLIMETERS
A
19.22
±0.2
2.14 MAX.
F
I
J
D
1.32
±0.12
G
3.6
±0.3
C
B
2.54 (T.P.)
0.50
±0.10
R
0~15
°
H
0.51 MIN.
K
7.62 (T.P.)
L
6.4
±0.2
3.55
4.3
±0.2
N
0.25
J
B
M
R
H
G
I
C
F
DN
NOTES
1. Each lead centerline is located within 0.25 mm of
its true position (T.P.) at maximum material condition.
2. ltem "K" to center of leads when formed parallel.
P14C-100-300B1-3
17
14
8
M
A
L
K
M
0.25+0.10
−0.05



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com