Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6714D Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 16Page - STMicroelectronics L6714D Datasheet HTML 17Page - STMicroelectronics L6714D Datasheet HTML 18Page - STMicroelectronics L6714D Datasheet HTML 19Page - STMicroelectronics L6714D Datasheet HTML 20Page - STMicroelectronics L6714D Datasheet HTML 21Page - STMicroelectronics L6714D Datasheet HTML 22Page - STMicroelectronics L6714D Datasheet HTML 23Page - STMicroelectronics L6714D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
VID Tables
L6714
20/70
0111011
1.50000
111101
1
1.10000
0111010
1.49375
111101
0
1.09375
0111101
1.48750
111110
1
OFF
0111100
1.48125
111110
0
OFF
0111111
1.47500
111111
1
OFF
0111110
1.46875
111111
0
OFF
1000001
1.46250
000000
1
1.08750
1000000
1.45625
000000
0
1.08125
1000011
1.45000
000001
1
1.07500
1000010
1.44375
000001
0
1.06875
1000101
1.43750
000010
1
1.06250
1000100
1.43125
000010
0
1.05625
1000111
1.42500
000011
1
1.05000
1000110
1.41875
000011
0
1.04375
1001001
1.41250
000100
1
1.03750
1001000
1.40625
000100
0
1.03125
1001011
1.40000
000101
1
1.02500
1001010
1.39375
000101
0
1.01875
1001101
1.38750
000110
1
1.01250
1001100
1.38125
000110
0
1.00625
1001111
1.37500
000111
1
1.00000
1001110
1.36875
000111
0
0.99375
1010001
1.36250
001000
1
0.98750
1010000
1.35625
001000
0
0.98125
1010011
1.35000
001001
1
0.97500
1010010
1.34375
001001
0
0.96875
1010101
1.33750
001010
1
0.96250
1010100
1.33125
001010
0
0.95625
1010111
1.32500
001011
1
0.95000
1010110
1.31875
001011
0
0.94375
1011001
1.31250
001100
1
0.93750
1011000
1.30625
001100
0
0.93125
1011011
1.30000
001101
1
0.92500
Table 7.
Voltage identifications (VID) for Intel VR10 mode + 6.25mV (See Note).
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70