Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6714D Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce L6714D
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 14Page - STMicroelectronics L6714D Datasheet HTML 15Page - STMicroelectronics L6714D Datasheet HTML 16Page - STMicroelectronics L6714D Datasheet HTML 17Page - STMicroelectronics L6714D Datasheet HTML 18Page - STMicroelectronics L6714D Datasheet HTML 19Page - STMicroelectronics L6714D Datasheet HTML 20Page - STMicroelectronics L6714D Datasheet HTML 21Page - STMicroelectronics L6714D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
VID Tables
L6714
18/70
1
7
1.46875
5
7
1.06875
9
7
0.66875
D
7
0.26875
1
8
1.46250
5
8
1.06250
9
8
0.66250
D
8
0.26250
1
9
1.45625
5
9
1.05625
9
9
0.65625
D
9
0.25625
1
A
1.45000
5
A
1.05000
9
A
0.65000
D
A
0.25000
1
B
1.44375
5
B
1.04375
9
B
0.64375
D
B
0.24375
1
C
1.43750
5
C
1.03750
9
C
0.63750
D
C
0.23750
1
D
1.43125
5
D
1.03125
9
D
0.63125
D
D
0.23125
1
E
1.42500
5
E
1.02500
9
E
0.62500
D
E
0.22500
1
F
1.41875
5
F
1.01875
9
F
0.61875
D
F
0.21875
2
0
1.41250
6
0
1.01250
A
0
0.61250
E
0
0.21250
2
1
1.40625
6
1
1.00625
A
1
0.60625
E
1
0.20625
2
2
1.40000
6
2
1.00000
A
2
0.60000
E
2
0.20000
2
3
1.39375
6
3
0.99375
A
3
0.59375
E
3
0.19375
2
4
1.38750
6
4
0.98750
A
4
0.58750
E
4
0.18750
2
5
1.38125
6
5
0.98125
A
5
0.58125
E
5
0.18125
2
6
1.37500
6
6
0.97500
A
6
0.57500
E
6
0.17500
2
7
1.36875
6
7
0.96875
A
7
0.56875
E
7
0.16875
2
8
1.36250
6
8
0.96250
A
8
0.56250
E
8
0.16250
2
9
1.35625
6
9
0.95625
A
9
0.55625
E
9
0.15625
2
A
1.35000
6
A
0.95000
A
A
0.55000
E
A
0.15000
2
B
1.34375
6
B
0.94375
A
B
0.54375
E
B
0.14375
2
C
1.33750
6
C
0.93750
A
C
0.53750
E
C
0.13750
2
D
1.33125
6
D
0.93125
A
D
0.53125
E
D
0.13125
2
E
1.32500
6
E
0.92500
A
E
0.52500
E
E
0.12500
2
F
1.31875
6
F
0.91875
A
F
0.51875
E
F
0.11875
3
0
1.31250
7
0
0.91250
B
0
0.51250
F
0
0.11250
3
1
1.30625
7
1
0.90625
B
1
0.50625
F
1
0.10625
3
2
1.30000
7
2
0.90000
B
2
0.50000
F
2
0.10000
3
3
1.29375
7
3
0.89375
B
3
0.49375
F
3
0.09375
3
4
1.28750
7
4
0.88750
B
4
0.48750
F
4
0.08750
3
5
1.28125
7
5
0.88125
B
5
0.48125
F
5
0.08125
3
6
1.27500
7
6
0.87500
B
6
0.47500
F
6
0.07500
3
7
1.26875
7
7
0.86875
B
7
0.46875
F
7
0.06875
Table 6.
Voltage Identification (VID) for Intel VR11 mode (See Note).
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70