Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGH27060F Fiches technique(PDF) 1 Page - WOLFSPEED, INC.

No de pièce CGH27060F
Description  60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSPEED [WOLFSPEED, INC.]
Site Internet  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH27060F Fiches technique(HTML) 1 Page - WOLFSPEED, INC.

  CGH27060F Datasheet HTML 1Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 2Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 3Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 4Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 5Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 6Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 7Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 8Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Rev. 5.2, 2022-11-11
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
CGH27060F
Package Types: 440193
PN: CGH27060F
60 W Peak, 28 V, GaN HEMT for Linear
Communications from VHF to 3 GHz
Description
Wolfspeed’s CGH27060F is a gallium nitride (GaN) high electron mobility
transistor (HEMT) designed specifically for high efficiency, high gain and
wide bandwidth capabilities, which makes the CGH27060F ideal for VHF,
Comms, 3G, 4G, LTE, 2.3-2.9GHz WiMAX and BWA amplifier applications.
The unmatched transistor is supplied in a ceramic/metal flange package.
Large Signal Models Available for ADS and MWO
Features
• VHF - 3.0 GHz Operation
• 14 dB Small Signal Gain
• 8.0 W PAVE at < 2.0% EVM
• 27% Drain Efficiency at 8 W Average Power
• WiMAX Fixed Access 802.16-2004 OFDM
• WiMAX Mobile Access 802.16e OFDMA
Parameter
2.3 GHz
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
Units
Small Signal Gain
15.1
14.7
14.3
14.3
14.5
dB
EVM @ 39 dBm
2.35
2.16
2.01
2.13
2.82
%
Drain Efficiency @ 39 dBm
28.3
27.6
27.3
26.7
26.3
%
Input Return Loss
10.0
7.3
6.0
7.0
10.3
dB
Typical Performance Over 2.3-2.7 GHz (TC = 25ºC) of Demonstration Amplifier
Note:
Measured in the CGH27060F-AMP amplifier circuit, under 802.16 OFDM, 3.5 MHz Channel BW, 1/4 Cyclic Prefix, 64 QAM Modulated Burst, 5ms Burst,
Symbol Length of 59, Coding Type RS-CC, Coding Rate Type 2/3, PAR = 9.8 dB @ 0.01% Probability on CCDF


Numéro de pièce similaire - CGH27060F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0
CGH27060F-AMP CREE-CGH27060F-AMP Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
CGH27060F-TB CREE-CGH27060F-TB Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
CGH27060F CREE-CGH27060F_15 Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
More results

Description similaire - CGH27060F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CGH27015 CREE-CGH27015 Datasheet
1Mb / 12P
15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0
CGH27030F CREE-CGH27030F_15 Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH27060F CREE-CGH27060F_15 Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27015 WOLFSPEED-CGH27015 Datasheet
3Mb / 12P
15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3
CGH27030 WOLFSPEED-CGH27030 Datasheet
2Mb / 12P
30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-10-20
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com