Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGH27060F Fiches technique(PDF) 3 Page - WOLFSPEED, INC.

No de pièce CGH27060F
Description  60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSPEED [WOLFSPEED, INC.]
Site Internet  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH27060F Fiches technique(HTML) 3 Page - WOLFSPEED, INC.

  CGH27060F Datasheet HTML 1Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 2Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 3Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 4Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 5Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 6Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 7Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 8Page - WOLFSPEED, INC. CGH27060F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CGH27060F
3
Rev. 5.2, 2022-11-11
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical WiMAX Performance
Figure 1. Gain and Return Loss vs Frequency measured in Broadband Amplifier Circuit CGH27060F-AMP
VDD = 28 V, IDQ = 300 mA
Figure 2. Typical EVM at 24 dBm and 39 dBm vs Frequency measured
in Broadband Amplifier Circuit CGH27060F-AMP
Note:
1
Under 802.16-2004 OFDM, 3.5 MHz Channel BW, 1/4 Cyclic Prefix, 64 QAM Modulated Burst, Symbol Length of 59, Coding Type RS-CC, Coding Rate Type 2/3.
-6
-4
-2
0
2
12
14
16
18
20
S21
S11
S21
-18
-16
-14
-12
-10
-8
0
2
4
6
8
10
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency (GHz)
S11
Frequency (GHz)
21%
24%
27%
30%
33%
36%
3.5
4.0
4.5
5.0
5.5
6.0
Drain
Efficiency
0%
3%
6%
9%
12%
15%
18%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.3
2.4
2.5
2.6
2.7
Frequency (GHz)
EVM @ 26 dBm
EVM @ 39 dBm
Efficiency
EVM
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com