| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6221T Fiches technique(PDF) 34 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6221T Fiches technique(HTML) 34 Page - ams AG |
|
34 / 37 page ![]() Document Feedback AS6221T Package Drawings & Markings Datasheet • PUBLIC DS001032 • v1-00 • 2022-Apr-08 37 │ 34 8 Package Drawings & Markings Figure 39: WLCSP Outline Drawing C2 Columns B2 A2 A1 B1 C1 1 2 C B A X dx dx ax ax d Bottom View Bottom View de ae E Side View Ref. Min No m Ma x X 147 5 1495 151 5 Y 995 1025 104 5 ax 347.5 dx 400 ay 312.5 dy 400 d 250 E 475 500 525 de 278 ae 22 (1) All dimensions are in micrometers. Angles in degrees. (2) Dimensioning and tolerance conform to ASME Y14.5M-1994. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |