Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221T Fiches technique(PDF) 31 Page - ams AG

No de pièce AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Fiches technique(HTML) 31 Page - ams AG

Back Button AS6221T Datasheet HTML 27Page - ams AG AS6221T Datasheet HTML 28Page - ams AG AS6221T Datasheet HTML 29Page - ams AG AS6221T Datasheet HTML 30Page - ams AG AS6221T Datasheet HTML 31Page - ams AG AS6221T Datasheet HTML 32Page - ams AG AS6221T Datasheet HTML 33Page - ams AG AS6221T Datasheet HTML 34Page - ams AG AS6221T Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Document Feedback
AS6221T
Application Information
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 31
7
Application Information
Figure 35:
Application Example with Using the ALERT Functionality
In Figure 35 the connections of the AS6221T temperature sensor to a microcontroller and the supply
voltage are shown.
The AS6221T is connected to a microcontroller via an I²C bus (SDA and SCL only). Additionally the
Alert output can also be used for temperature monitoring (e.g. using the interrupt mode, refer to IM bit
settings), an example is given in Figure 35 where the Alert output is connected to microcontroller.
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
ADD0
VDD
SCL
VSS
ADD1/
ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37