Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221T Fiches technique(PDF) 32 Page - ams AG

No de pièce AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Fiches technique(HTML) 32 Page - ams AG

Back Button AS6221T Datasheet HTML 28Page - ams AG AS6221T Datasheet HTML 29Page - ams AG AS6221T Datasheet HTML 30Page - ams AG AS6221T Datasheet HTML 31Page - ams AG AS6221T Datasheet HTML 32Page - ams AG AS6221T Datasheet HTML 33Page - ams AG AS6221T Datasheet HTML 34Page - ams AG AS6221T Datasheet HTML 35Page - ams AG AS6221T Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Document Feedback
AS6221T
Application Information
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 32
Figure 36:
Application Example without Using the ALERT Functionality
In Figure 36 the connection without using the Alert functionality is shown. In this case the
ADD1/ALERT pin is used to increase the amount of available I²C addresses.
The I²C address of the AS6221T can be selected by connecting the ADD0 and ADD1 to different pins
(refer to Figure 29 for details). These pins must not be left unconnected.
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
ADD0
VDD
SCL
VSS
ADD1/
ALERT
Address Select 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37