| Moteur de recherche de fiches techniques de composants électroniques |
|
LLNF4T08H Fiches technique(PDF) 1 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
LLNF4T08H Fiches technique(HTML) 1 Page - ams AG |
|
1 / 8 page ![]() www.osram.us/ledengin COPYRIGHT © 2021 OSRAM OPTO SEMICONDUCTORS. ALL RIGHTS RESERVED. LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H (Rev 1.0 – 10/18/2021) p 1/8 High Uniformity TIR Lenses for LZC Emitter Family LLNF-4T08-H LLFL-6T08-H LLWF-6T08-H Key Features — Total Internal Reflection (TIR) optics provides a well-controlled beam — Designed specifically for LED Engin LZC emitter family — Provides excellent color uniformity and quantity of light in a beam — Smooth light gradient eliminates hot spots and rings and minimizes glare for superior illumination — UL-rated optical grade PMMA lens material allows use of high current and temperature conditions — Lenses are available standard with holder that mount easily onto LuxiGen LZC MCPCBs — Simple fastening of holder to MCPCB with appropriate adhesive, e.g. epoxy or polyurethane based Typical Applications — Down lighting — Architectural lighting — Entertainment — Stage and Studio lighting — Accent lighting |
Numéro de pièce similaire - LLNF4T08H |
|
Description similaire - LLNF4T08H |