Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LLNF4T08H Fiches technique(PDF) 7 Page - ams AG

No de pièce LLNF4T08H
Description  High Uniformity TIR Lenses for LZC Emitter Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

LLNF4T08H Fiches technique(HTML) 7 Page - ams AG

  LLNF4T08H Datasheet HTML 1Page - ams AG LLNF4T08H Datasheet HTML 2Page - ams AG LLNF4T08H Datasheet HTML 3Page - ams AG LLNF4T08H Datasheet HTML 4Page - ams AG LLNF4T08H Datasheet HTML 5Page - ams AG LLNF4T08H Datasheet HTML 6Page - ams AG LLNF4T08H Datasheet HTML 7Page - ams AG LLNF4T08H Datasheet HTML 8Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H
COPYRIGHT © 2021 OSRAM OPTO SEMICONDUCTORS. ALL RIGHTS RESERVED.
LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H (Rev 1.0
– 10/18/2021) p 7/8
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics. Terms of
delivery and rights to change design reserved. Due to technical requirements components may contain dangerous
substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on the OSRAM OS website.
Packing
Please use the recycling operators known to you. We can also help you
– get in touch with your nearest sales
office. By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For
packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you
for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
OSRAM OS components are not developed, constructed or tested for the application as safety relevant component
or for the application in medical devices.
OSRAM OS products are not qualified at module and system level for such application. In case buyer
– or
customer supplied by buyer
– considers using OSRAM OS components in product safety devices/applications or
medical devices/applications, buyer and/or customer has to inform the local sales partner of OSRAM OS
immediately and OSRAM OS and buyer and /or customer will analyze and coordinate the customer-specific
request between OSRAM OS and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8