Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LLNF4T08H Fiches technique(PDF) 6 Page - ams AG

No de pièce LLNF4T08H
Description  High Uniformity TIR Lenses for LZC Emitter Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

LLNF4T08H Fiches technique(HTML) 6 Page - ams AG

  LLNF4T08H Datasheet HTML 1Page - ams AG LLNF4T08H Datasheet HTML 2Page - ams AG LLNF4T08H Datasheet HTML 3Page - ams AG LLNF4T08H Datasheet HTML 4Page - ams AG LLNF4T08H Datasheet HTML 5Page - ams AG LLNF4T08H Datasheet HTML 6Page - ams AG LLNF4T08H Datasheet HTML 7Page - ams AG LLNF4T08H Datasheet HTML 8Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H
COPYRIGHT © 2021 OSRAM OPTO SEMICONDUCTORS. ALL RIGHTS RESERVED.
LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H (Rev 1.0
– 10/18/2021) p 6/8
Lens Assembly Instructions
Lens holder legs may be inserted into MCPCB mounting holes. An epoxy or polyurethane-based adhesive should
be used to adhere the lens holder to the MCPCB.
While there are many suitable adhesives, LED Engin recommends Dow Corning 3145 RTV.
Cyanoacrylate adhesives (superglue) must not be used, because they are known to cause lens contamination
effects due to “blooming” of the adhesive.
Lens Cleaning
For the removal of dust, use a lint-free soft cloth.
For the removal of stains, use a neutral detergent, i.e. dishwashing soap.
Do not use any solvents, abrasive liquids or abrasive fabrics because they may damage the optical grade lens
surfaces.



Html Pages

1 2 3 4 5 6 7 8