Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9927BBCZ Fiches technique(PDF) 63 Page - Analog Devices

No de pièce AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Fiches technique(HTML) 63 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 59Page - Analog Devices AD9927BBCZ Datasheet HTML 60Page - Analog Devices AD9927BBCZ Datasheet HTML 61Page - Analog Devices AD9927BBCZ Datasheet HTML 62Page - Analog Devices AD9927BBCZ Datasheet HTML 63Page - Analog Devices AD9927BBCZ Datasheet HTML 64Page - Analog Devices AD9927BBCZ Datasheet HTML 65Page - Analog Devices AD9927BBCZ Datasheet HTML 66Page - Analog Devices AD9927BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
AD9927
Rev. 0 | Page 63 of 100
GP LOOK-UP TABLES (LUT)
The AD9927 is equipped with a look-up table for each pair of
consecutive GP signals when configured as outputs. GP1 is
always combined with GP2, GP3 is always combined with GP4,
GP5 is always combined with GP6, and GP7 is always combined
with GP8. The external GPO outputs from each pair can output
the result of the LUT or the original GP internal signal.
GP1
LUT
1
0
0
1
GPO2
GPO1
GP2
GP2_USE_LUT
GP1_USE_LUT
Figure 76. Internal LUT for GP1 and GP2 Signals
Address 0x79 dictates the behavior of the LUT and which
signals receive the result. Each 4-bit LUT_FOR_GPxy register
can realize any logic combination of GPx and GPy. For example,
Table 43 shows how the register values of LUT_FOR_GP12 [11:8]
are determined. XOR, NAND, AND, and OR results are shown,
but any 4-bit combination is possible. A simple example of XOR
gating is shown in Figure 77.
Table 43. LUT Results Based on GP1, GP2 Values
GP2
GP1
LUT: XOR
LUT: NAND
LUT: AND
LUT: OR
0
0
0
1
0
0
0
1
1
1
0
1
1
0
1
1
0
1
1
1
0
0
1
1
GP1
GP2
GPO2
NOTES
1. LOGIC COMBINATION (XOR) OF PROGRAMMED TOGGLES
GP1 AND GP2.
LUT_FOR_GP12[11:8] = 0x06
GP2_USE_LUT = 1
GP1_USE_LUT = 0
GPO1
Figure 77. LUT Example for GP1 XOR GP2
Field Counter and GPO Limitations
The following is a summary of the known limitations of the
field counters and GPO signals that dictate usability.
• The field counter trigger (PRIMARY_ACTION and
SECONDARY_ACTION registers, Address 0x70) is self-reset
at the start of every VD period. Therefore, there must be one
VD period between sequential programming to that address.
• If GP*_PROTOCOL = 1, it must be manually reset to
GP*_PROTOCOL = 0 one VD period before it can be
used again. If manual toggles are desired in sequential fields,
the MANUAL_TRIG register should be used in conjunction
with GP*_PROTOCOL = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100