Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9927BBCZ Fiches technique(PDF) 62 Page - Analog Devices

No de pièce AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Fiches technique(HTML) 62 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 58Page - Analog Devices AD9927BBCZ Datasheet HTML 59Page - Analog Devices AD9927BBCZ Datasheet HTML 60Page - Analog Devices AD9927BBCZ Datasheet HTML 61Page - Analog Devices AD9927BBCZ Datasheet HTML 62Page - Analog Devices AD9927BBCZ Datasheet HTML 63Page - Analog Devices AD9927BBCZ Datasheet HTML 64Page - Analog Devices AD9927BBCZ Datasheet HTML 65Page - Analog Devices AD9927BBCZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
AD9927
Rev. 0 | Page 62 of 100
RapidShot Sequences
RapidShot technology provides continuous repetition of
scheduled toggles.
Preparation
The GP toggle positions can be programmed any time prior to
use. For example,
0x71
0x0004000
0x7A
0x000A001
0x7B
0x0002000
0x7C
0x000000F
0x7D
0x00C4002
0x7E
0x0004000
0x7F
0x00000B3
0x73
0x0000006
Details
A) Field 0:
0x70
0x0000010
B) Field 2:
0x70
0x0000007
VD
1
2345
REGISTER WRITE
AB
GP1_PROTOCOL 06
0(IDLE)
1
2
1
2
1
0
GPO1
TERMINATED
AT VD EDGE
NOTES
1. THE GP PROTOCOLS ARE THE SAME AS THE SCHEDULED
TOGGLES, EXCEPT THE TOGGLES CAN BE EXCLUDED FROM
REPETITION BY CHOOSING GP PROTOCOL 2 OR 3.
CAUTION! THE FIELD COUNTER MUST BE FORCED INTO IDLE
STATE TO TERMINATE REPETITIONS.
SECONDARY
COUNT
Figure 74. RapidShot Toggle Operation Using GP_PROTOCOL = 6
ShotDelay Sequences
ShotDelay technology provides internal delay of scheduled
toggles. The delay is in terms of fields.
Preparation
The GP toggle positions can be programmed any time prior to
use. For example,
0x71
0x0004000
0x72
0x000C000
0x7A
0x000A001
0x7B
0x0002000
0x7C
0x000000F
0x73
0x0000003
Details
A) Field 0:
0x70
0x0000018
VD
1
2
REGISTER WRITE
A
GP1_PROTOCOL 03
0(IDLE)
1
2
3
1
2
0
GPO1
SECONDARY
COUNT
Figure 75. ShotDelay Toggle Operation Using GP_PROTOCOL = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100