Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9927BBCZ Fiches technique(PDF) 45 Page - Analog Devices

No de pièce AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Fiches technique(HTML) 45 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 41Page - Analog Devices AD9927BBCZ Datasheet HTML 42Page - Analog Devices AD9927BBCZ Datasheet HTML 43Page - Analog Devices AD9927BBCZ Datasheet HTML 44Page - Analog Devices AD9927BBCZ Datasheet HTML 45Page - Analog Devices AD9927BBCZ Datasheet HTML 46Page - Analog Devices AD9927BBCZ Datasheet HTML 47Page - Analog Devices AD9927BBCZ Datasheet HTML 48Page - Analog Devices AD9927BBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
AD9927
Rev. 0 | Page 45 of 100
INTERNAL VERTICAL DRIVER CONNECTIONS
V1A
V9
V10
V11
V12
V5
V4
XV4
XV22 (XSG7)
XV5
XV23 (XSG8)
F3
F4
V6
XV6
XV24 (XSG9)
E4
V1B
XV9
+3V
V-DRIVER
XV10
XV11
XV12
XSUBCK
XV16 (XSG1)
XV1
XV17 (XSG2)
J3
J4
D3
D5
D6
D7
K4
AD9927
3-LEVEL OUTPUTS
2-LEVEL OUTPUTS
V2A
V2B
XV18 (XSG3)
XV2
XV19 (XSG4)
H3
H4
V7
V8
XV7
XV8
E3
D4
XSUBCNT
V13
V14
XV13
XV14
C7
C8
V3A
V3B
XV20 (XSG5)
XV3
XV21 (XSG6)
G4
G3
V15
XV15
D8
H10
INTERNAL
TIMING
GENERATOR
VH, VL
XSUBCNT (LOGIC INPUT)
SUBCK
(3-LEVEL OUTPUT WITH XSUBCNT)
Figure 53. Internal AFETG to V-Driver Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100