Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6524 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 42Page - STMicroelectronics VS6524 Datasheet HTML 43Page - STMicroelectronics VS6524 Datasheet HTML 44Page - STMicroelectronics VS6524 Datasheet HTML 45Page - STMicroelectronics VS6524 Datasheet HTML 46Page - STMicroelectronics VS6524 Datasheet HTML 47Page - STMicroelectronics VS6524 Datasheet HTML 48Page - STMicroelectronics VS6524 Datasheet HTML 49Page - STMicroelectronics VS6524 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
Register map
VL6524/VS6524
46/70
Frame rate control
Pipe setup bank selection
Pipe setup bank0 control
Table 14.
Frame rate control
Name
Index
R/W
Data
Type
Format
default
Description
uwDesiredFrame
Rate_Num (MSB)
0x0d81
R/W
I
0x00
Numerator for the Frame Rate
Default = 30 fps
uwDesiredFrame
Rate_Num (LSB)
0x0d82
R/W
I
0x1e
bDesiredFrameRate_
Den
0x0d84
R/W
I
0x01
Denominator for the Frame Rate
Table 15.
Pipe setup bank selection
Name
Index
R/W
Data
Type
Format
default
Description
bNonViewLive_
ActivePipeSetupBank
0x0302
R/W
I
0x00
0x00 -Pipe setup bank0 used
0x01 -Pipe setup bank1 used
Table 16.
Pipe setup bank0 control
Name
Index
R/W
Data
Type
Format
default
Description
bImageSize0
0x0380
R/W
C
0x01
Required output dimension
0x01 - ImageSize_VGA
0x02 - ImageSize_QVGA
0x03 - ImageSize_QQVGA
0x04 - ImageSize_Manual
bSubSample0
0x0382
R/W
I
0x01
0x01 = Minimum sub-sample
corresponding to no sub-sampling.
MAX = 0x06
fEnableCrop0
0x0384
R/W
B
0x00
0x00 = False - 0x01 = True
uwCropHStartMSB0
0x0387
R/W
M I
0x00
Horizontal start point for manual crop
uwCropHStartLSB0
0x0388
R/W
M I
0x00
uwCropHSizeMSB0
0x038b
R/W
M I
0x00
Horizontal size for manual crop
uwCropHSizeLSB0
0x038c
R/W
M I
0x00
uwCropVStartMSB0
0x038f
R/W
M I
0x00
Vertical start point for manual crop
uwCropVStartLSB0
0x0390
R/W
M I
0x00
uwCropVSizeMSB0
0x0393
R/W
M I
0x00
Vertical size for manual crop
uwCropVSizeLSB0
0x0394
R/W
M I
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70