| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6524 Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6524 Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 70 page ![]() VL6524/VS6524 Register map 53/70 fpBlackValue (MSB) 0x2003 R/W M F 0x00 Minimum possible damper output for the colour matrix 0.0 fades to absolute black, 1.0 effectively disables fade to black. Default 0x0000 = 0 fpBlackValue (LSB) 0x2004 R/W M F 0x00 fpDamperLow Threshold (MSB) 0x2007 R/W M F 0x63 Low threshold to calculate the damper slope Default 0x67d1 =500224 fpDamperLow Threshold (LSB) 0x2008 R/W M F 0xd1 fpDamperHigh Threshold (MSB) 0x200b R/W M F 0x65 High threshold to calculate the damper slope Default 0x656f = 900096 fpDamperHigh Threshold (LSB) 0x200c R/W M F 0x6f fpMinimumOutput (MSB) 0x200f R F Status value showing damper strength used fpMinimumOutput (LSB) 0x2010 R F Table 27. Fade to black damper control Name Index R/W Data Type Format default Description |