Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6524 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 23Page - STMicroelectronics VS6524 Datasheet HTML 24Page - STMicroelectronics VS6524 Datasheet HTML 25Page - STMicroelectronics VS6524 Datasheet HTML 26Page - STMicroelectronics VS6524 Datasheet HTML 27Page - STMicroelectronics VS6524 Datasheet HTML 28Page - STMicroelectronics VS6524 Datasheet HTML 29Page - STMicroelectronics VS6524 Datasheet HTML 30Page - STMicroelectronics VS6524 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
VL6524/VS6524
Data synchronization methods
27/70
Figure 13.
ITU656 frame structure with even codes
The synchronization codes for odd and even frames are listed in
Table 3 and Table 4. By
default all frames output from the VL6524/VS6524 are EVEN. It is possible to set all frames
to be ODD or to alternate between ODD and EVEN using the SyncCodeSetup register in
the
Output formatter control register bank.
Table 3.
ITU656 embedded synchronization code definition (even frames)
Name
Description
4-byte sequence
SAV
Line start - active
FF 00 00 80
EAV
Line end - active
FF 00 00 9D
SAV (blanking)
Line start - blanking
FF 00 00 AB
EAV (blanking)
Line end - blanking
FF 00 00 B6
EAV
SAV
Frame of image data
Line 1
Line 480
Frame blanking period
9D
80
EAV
B6
SAV
AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70