| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2533 Fiches technique(PDF) 20 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
AN2533 Fiches technique(HTML) 20 Page - Motorola, Inc |
|
20 / 24 page ![]() AN2533/D 20 Standard SVM – 3 outputs version – XOR version TPU Function Set (svmStd3Xor) MOTOROLA NOTE: Execution times do not include the time slot transition time (TST = 10 or 14 IMB clocks) Figure 10. svmStd3Xor_res timing Figure 11. svmStd3Xor_res state diagram Fault Input for Standard Space Vector Modulation – 3 outputs version – XOR version (svmStd3Xor_fault) The svmStd3Xor_fault is an input TPU function that monitors the pin, and if a high to low transition occurs, immediately sets all PWM channels low and cancels all further transitions on them. The PWM channels, as well as the synchronization and resolver reference signal channels (if used), have to be initialized again to start them running. Table 17. svmStd3Xor_res State Statistics State Max IMB Clock Cycles RAM Accesses by TPU INIT 12 5 S1 26 9 S3 18 7 S1 S1 S3 center_time T center_time T center_time T S1 S3 INIT HSR = 10 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |