| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2533 Fiches technique(PDF) 11 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
AN2533 Fiches technique(HTML) 11 Page - Motorola, Inc |
|
11 / 24 page ![]() AN2533/D Detailed Function Description MOTOROLA Standard SVM – 3 outputs version – XOR version TPU Function Set (svmStd3Xor) 11 NOTE: Execution times do not include the time slot transition time (TST = 10 or 14 IMB clocks) Figure 3. svmStd3Xor_T and svmStd3Xor_R timing NOTE: The R channel with the momentary earliest transition within the PWM period is marked by a flag1 and runs the SFR and SFC states. C5 C5 center_time center_time T T Phase A Phase B Phase C A1 A2 B1 B2 C1 C2 not a reload period a reload period SFC ST SF SFC SFC SFC SFR C5 ST ST SF SF SFR 0 SFR 0 SFC 0 C5 ST SF C5 SF C5 ST ST SFR flag1 = 1 flag0 = 1 link service request SF Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |