Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2533 Fiches technique(PDF) 18 Page - Motorola, Inc

No de pièce AN2533
Description  Standard Space Vector Modulation – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN2533 Fiches technique(HTML) 18 Page - Motorola, Inc

Back Button AN2533 Datasheet HTML 14Page - Motorola, Inc AN2533 Datasheet HTML 15Page - Motorola, Inc AN2533 Datasheet HTML 16Page - Motorola, Inc AN2533 Datasheet HTML 17Page - Motorola, Inc AN2533 Datasheet HTML 18Page - Motorola, Inc AN2533 Datasheet HTML 19Page - Motorola, Inc AN2533 Datasheet HTML 20Page - Motorola, Inc AN2533 Datasheet HTML 21Page - Motorola, Inc AN2533 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AN2533/D
18
Standard SVM – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
MOTOROLA
Synchronized Change
of PWM Prescaler
And Resolver
Reference Signals
Prescaler
The svmStd3Xor_res TPU function can inherit the Synchronization Signal
prescaler that is synchronously changed with the PWM prescaler. Write the
synchronization signals presc_copy parameter address to the presc_addr
parameter to enable this mechanism. Write 0 to disable it, and in this case set
the prescaler parameter to directly specify prescaler value.
Host Interface
Table 14. svmStd3Xor_res Control Bits
Name
Options
Channel Function Select
svmStd3Xor_res function number
(Assigned during assembly the
DPTRAM code from library TPU
functions)
Channel Priority
00 – Channel Disabled
01 – Low Priority
10 – Middle Priority
11 – High Priority
Host Service Bits (HSR)
00 – No Host Service Request
01 – Not used
10 – Initialization
11 – Not used
Host Sequence Bits (HSQ)
xx – Not used
Channel Interrupt Enable
x – Not used
Channel Interrupt Status
x – Not used
Written By CPU
Written By TPU
Written by both CPU and TPU
Not Used
32
1
0
1
0
1
0
1
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24