Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3000 Fiches technique(PDF) 8 Page - Pico Technology Ltd.

No de pièce 3000
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3000 Fiches technique(HTML) 8 Page - Pico Technology Ltd.

Back Button 3000 Datasheet HTML 4Page - Pico Technology Ltd. 3000 Datasheet HTML 5Page - Pico Technology Ltd. 3000 Datasheet HTML 6Page - Pico Technology Ltd. 3000 Datasheet HTML 7Page - Pico Technology Ltd. 3000 Datasheet HTML 8Page - Pico Technology Ltd. 3000 Datasheet HTML 9Page - Pico Technology Ltd. 3000 Datasheet HTML 10Page - Pico Technology Ltd. 3000 Datasheet HTML 11Page - Pico Technology Ltd. 3000 Datasheet HTML 12Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PicoScope 3000 Series
Persistence mode
PicoScope’s persistence mode options allow you to see old and new data superimposed, making it easy to spot glitches and dropouts and estimate their relative frequency – useful
for displaying and interpreting complex analog signals such as video waveforms and amplitude-modulated signals. Color-coding and intensity-grading show which areas are stable
and which are intermittent. Choose between Analog Intensity, Digital Color and Fast display modes or create your own custom setup.
An important specification to understand when evaluating oscilloscope performance, especially in persistence mode, is the waveform update rate, which is expressed as
waveforms per second. While the sampling rate indicates how frequently the oscilloscope samples the input signal within one waveform or cycle, the waveform capture rate refers
to how quickly an oscilloscope acquires waveforms.
Oscilloscopes with high waveform capture rates provide better visual insight into signal behavior and dramatically increase the probability that the oscilloscope will quickly capture
transient anomalies such as jitter, runt pulses and glitches – that you may not even know exist.
The PicoScope 3000 Series’ HAL3 hardware acceleration means that, in fast persistence mode, update rates of up to 100 000 waveforms per second are achievable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28