Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3000 Fiches technique(PDF) 7 Page - Pico Technology Ltd.

No de pièce 3000
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3000 Fiches technique(HTML) 7 Page - Pico Technology Ltd.

Back Button 3000 Datasheet HTML 3Page - Pico Technology Ltd. 3000 Datasheet HTML 4Page - Pico Technology Ltd. 3000 Datasheet HTML 5Page - Pico Technology Ltd. 3000 Datasheet HTML 6Page - Pico Technology Ltd. 3000 Datasheet HTML 7Page - Pico Technology Ltd. 3000 Datasheet HTML 8Page - Pico Technology Ltd. 3000 Datasheet HTML 9Page - Pico Technology Ltd. 3000 Datasheet HTML 10Page - Pico Technology Ltd. 3000 Datasheet HTML 11Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PicoScope 3000 Series
Spectrum analyzer
The spectrum view plots amplitude against frequency and is ideal for finding noise, crosstalk or distortion in signals. PicoScope uses a fast Fourier transform (FFT) spectrum
analyzer, which (unlike a traditional swept spectrum analyzer) can display the spectrum of a single, non-repeating waveform. With up to a million points, PicoScope’s FFT has
excellent frequency resolution and a low noise floor.
With a click of a button, you can display a spectrum plot of the active channels, with a maximum frequency of up to 200 MHz. A comprehensive range of settings gives you control
over the number of spectrum bins, window functions, scaling (including log/log) and display mode (instantaneous, average or peak-hold).
You can display multiple spectrum views alongside oscilloscope views of the same data. A comprehensive set of automatic frequency-domain measurements can be added to the
display, including THD, THD+N, SNR, SINAD and IMD. You can apply mask limit testing to a spectrum and can even use the AWG and spectrum mode together to perform swept
scalar network analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28