| Moteur de recherche de fiches techniques de composants électroniques |
|
3000 Fiches technique(PDF) 6 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
3000 Fiches technique(HTML) 6 Page - Pico Technology Ltd. |
|
6 / 28 page ![]() PicoScope 3000 Series Advanced triggers The PicoScope 3000 Series offers an industry-leading set of advanced triggers including pulse width, windowed and dropout. The digital trigger available on MSO models allows you to trigger the scope when any or all of the 16 digital inputs match a user-defined pattern. You can specify a condition for each channel individually, or set up a pattern for all channels at once using a hexadecimal or binary value. You can also use the logic trigger to combine the digital trigger with an edge or window trigger on any of the analog inputs, for example to trigger on data values in a clocked parallel bus. Digital triggering architecture In 1991, Pico Technology pioneered the use of digital triggering using the actual digitized data. Traditionally, digital oscilloscopes have used an analog trigger architecture based on comparators, which can cause time and amplitude errors that cannot always be calibrated out. Additionally, the use of comparators can often limit the trigger sensitivity at high bandwidths and can create a long trigger rearm delay. Pico’s technique of fully digital triggering reduces trigger errors and allows our oscilloscopes to trigger on the smallest signals, even at the full bandwidth, so you can set trigger levels and hysteresis with high precision and resolution. The digital triggering architecture also reduces the rearm delay. Combined with the segmented memory, this enables you to use rapid triggering to capture 10 000 waveforms in 6 ms. |