| Moteur de recherche de fiches techniques de composants électroniques |
|
C01G3 Fiches technique(PDF) 15 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C01G3 Fiches technique(HTML) 15 Page - Norgren Ltd |
|
15 / 27 page ![]() Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd. Pneufit® C series PUSH-IN fittings, metric en 9.1.020.15 4/15 Dimensions in mm Projection/First angle Manifold union C00D3 Stem manifold C00J3 Male manifold C01D3 Ø A Ø A1 C C1 D E H L O Model 4 6 63,5 18 3,3 34 7,5 10,5 12,5 C00D30604 4 8 65,5 21,5 4,3 35 9 10,5 14,5 C00D30804 6 8 71,5 22,5 4,3 41 9,5 12,5 14,5 C00D30806 6 10 78 23,5 4,3 42 9,5 12,5 17,5 C00D31006 8 10 83,5 26 4,3 47 9,5 14,5 17,5 C00D31008 Ø A Ø A1 B C C1 E G L Model 4 6 R1/8 72 24 34 8 10,5 12 C01D30418 4 8 R1/8 74 28,5 35 8 10,5 14 C01D30428 6 8 R1/4 82,5 34 41 10 12,5 14 C01D30628 8 10 R3/8 95 34,5 47 10 14,5 17 C01D30838 Ø A Ø A1 Ø A2 C C1 E F L Model 4 6 6 84,5 24 34 25 10,5 C00J30604 4 8 8 89,5 28,5 35 28,5 10,5 C00J30804 6 8 8 95,5 34 41 28,5 12,5 C00J30806 8 10 10 109,5 34,5 47 31 14,5 C00J31008 O C E ø A L C G E ø A L C F L ø A1 E Banjo C0A51 Ø A B C C1 E G Model 4 M5 25 18 10 3,5 8 C0A510405 4 G1/8 30,5 25 14,5 11 8 C0A510418 4 G1/4 34,5 29 16,5 10 8 C0A510428 6 M5 18 28 11 3,5 8 C0A510605 6 G1/8 31 25 14,5 8 8 C0A510618 6 G1/4 35 29 16,5 10 12 C0A510628 6 G3/8 38,5 32,5 20,5 11 14 C0A510638 8 G1/8 33 25 13,5 8 8 C0A510818 8 G1/4 37 29 16 10 12 C0A510828 8 G3/8 40 32,5 20,5 11 14 C0A510838 8 G1/2 46 39,5 23 14 17 C0A510848 10 G1/4 39 29 15,5 10 12 C0A511028 10 G3/8 42 32,5 19,5 11 14 C0A511038 10 G1/2 47,5 39,5 23 14 17 C0A511048 12 G3/8 46 32,5 18,5 11 14 C0A511238 12 G1/2 50 39,5 21,5 14 17 C0A511248 Banjo (with top port) C0D51/C0E51/C0F51/C0G51 Ø A B & B1 C C1 E G G1 Model 4 M5 25 20 10 3,5 6 8 C0D510405 4 R1/8 30,5 30 14,5 9 8 14 C0E510418 4 R1/4 34,5 35,5 18 11 10 17 C0F510428 6 M5 28 20 11 3,5 6 8 C0D510605 6 R1/8 31 30 14,5 9 8 14 C0E510618 6 R1/4 35 35,5 18 11 10 17 C0F510628 6 R3/8 38,5 41 21 12 11 21 C0G510638 8 R1/8 33 30 15,5 9 8 14 C0E510818 8 R1/4 38 35,5 19 11 10 17 C0F510828 8 R3/8 40 41 21 12 11 21 C0G510838 10 R1/4 39 35,5 20 11 10 17 C0F511028 10 R3/8 42 41 22,5 12 11 21 C0G511038 12 R3/8 46 41 23 12 11 21 C0G511238 C B C B 1 B |