| Moteur de recherche de fiches techniques de composants électroniques |
|
C01G3 Fiches technique(PDF) 5 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C01G3 Fiches technique(HTML) 5 Page - Norgren Ltd |
|
5 / 27 page ![]() Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd. Pneufit® C series PUSH-IN fittings, metric en 9.1.020.05 4/15 1000 600 200 0 1 2 3 4 5 6 7 8 9 10 8 7 5 3 1 700 500 300 100 0 1 2 3 4 5 6 7 8 9 10 8 7 5 3 1 250 350 150 50 0 1 2 3 4 5 6 7 8 9 10 8 7 5 3 1 250 200 150 50 100 0 1 2 3 4 5 6 7 8 9 10 8 7 5 3 1 140 100 60 20 0 1 2 3 4 5 6 7 8 9 10 8 7 5 3 1 2000 1500 1000 500 0 1 3 5 7 9 11 13 8 7 5 3 1 1400 1000 800 600 0 1 3 5 7 9 11 13 15 8 7 5 3 1 600 800 1000 400 200 8 7 6 5 4 3 2 1 0 06-02, 04-02 800 600 400 200 0 1 2 3 4 5 6 7 8 9 10 1112 8 7 5 3 11 400 300 200 100 0 1 2 3 4 5 6 7 8 9 10 8 7 5 3 1 160 120 80 40 8 8 7 6 5 4 3 2 1 0 7 5 3 1 Speed controllers flowrate for C0K51, C0TA0, C0L51, C0K56, C0T56 and C0SA0 banjo types Speed controllers flowrate for C00GE, C00GP 3, 4 and 6 mm M5 C00G*0400 4, 6 and 8 mm 1/8 C00G*0600 4, 6, 8, 10 and 12 mm 1/4 C00G*0800 6, 8, 10 and 12 mm 3/8 C00G*1000 8, 10 and 12 mm1/2 C00G*1200 8 7 6 5 4 3 2 1 150 100 50 0 300 400 500 200 100 8 7 6 5 4 3 2 1 0 04-01 1000 1400 600 200 8 7 6 5 4 3 2 1 0 1000 1500 2000 500 8 7 6 5 4 3 2 1 0 75 100 125 50 25 8 7 6 5 4 3 2 1 0 300 400 500 200 100 8 7 6 5 4 3 2 1 0 600 800 1000 400 200 8 7 6 5 4 3 2 1 0 600 800 400 200 8 7 6 5 4 3 2 1 0 500 750 1000 250 8 7 6 5 4 3 2 1 0 Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) Control flow Free flow Needle turn Pressure (bar) |