Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C01G3 Fiches technique(PDF) 10 Page - Norgren Ltd

No de pièce C01G3
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01G3 Fiches technique(HTML) 10 Page - Norgren Ltd

Back Button C01G3 Datasheet HTML 6Page - Norgren Ltd C01G3 Datasheet HTML 7Page - Norgren Ltd C01G3 Datasheet HTML 8Page - Norgren Ltd C01G3 Datasheet HTML 9Page - Norgren Ltd C01G3 Datasheet HTML 10Page - Norgren Ltd C01G3 Datasheet HTML 11Page - Norgren Ltd C01G3 Datasheet HTML 12Page - Norgren Ltd C01G3 Datasheet HTML 13Page - Norgren Ltd C01G3 Datasheet HTML 14Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
en 9.1.020.10
4/15
Dimensions in mm
Projection/First angle
Bulkhead union elbow
C0049
Stem elbow
C0043
90° Swivel elbow adaptor (female)
C0148/C0248
90° Swivel elbow adaptor (extended)
C0154/C0254
Ø A
Ø A1
C
E
F
Model
4
4
28,5
19
22
C00430400
6
6
31,5
20,5
24
C00430600
8
8
34,5
23
26
C00430800
10
10
38
24
28
C00431000
12
12
41
28
30
C00431200
16
16
48,5
32
35
C00431600
Ø A
B
C
E
G
Model
4
M5
21,5
18,5
4,5
10
C02480405
4
M6
21,5
18,5
4,5
10
C02480406
4
R1/8
22,5
18,5
9
14
C01480418
4
R1/4
24,5
18,5
11
17
C01480428
6
M5
23,5
20,5
4,5
12
C02480605
6
M6
23,5
20,5
4,5
12
C02480606
6
R1/8
24,5
20,5
9
14
C01480618
6
R1/4
26,5
20,5
11
17
C01480628
6
R3/8
27,5
20,5
12
21
C01480638
8
R1/8
26
23
9
14
C01480818
8
R1/4
28
23
11
17
C01480828
8
R3/8
29
23
12
22
C01480838
10
R1/4
28,5
23,5
11
17
C01481028
10
R3/8
29,5
23,5
12
22
C01481038
10
R1/2
31,5
23,5
14
24
C01481048
12
R1/4
31,5
27,5
11
19
C01481228
12
R3/8
32,5
27,5
12
22
C01481238
12
R1/2
34,5
27,5
14
24
C01481248
Ø A
B
C
E
G
Model
4
M5
33,5
18,5
4,6
10
C02540405
4
M6
33
18,5
4,6
10
C02540406
4
R1/8
35,5
18,5
8
10
C01540418
4
R1/4
37,5
18,5
10
14
C01540428
4
R3/8
38,5
18,5
11
17
C01540438
6
M5
38
20,5
4,5
12
C02540605
6
M6
37,5
20,5
4,5
12
C02540606
6
R1/8
40
20,5
8
12
C01540618
6
R1/4
42
20,5
10
14
C01540628
6
R3/8
43
20,5
11
17
C01540638
6
R1/2
46
20,5
14
21
C01540648
8
R1/8
44
23
8
14
C01540818
8
R1/4
46
23
10
14
C01540828
8
R3/8
47
23
11
17
C01540838
8
R1/2
50
23
14
21
C01540848
10
R1/8
47,5
23,5
8
17
C01541018
10
R1/4
49,5
23,5
10
17
C01541028
10
R3/8
50,5
23,5
11
17
C01541038
10
R1/2
53,5
23,5
14
21
C01541048
12
R1/8
54
27,5
8
19
C01541218
12
R1/4
56
27,5
10
19
C01541228
12
R3/8
57
27,5
11
19
C01541238
12
R1/2
60
27,5
14
21
C01541248
16
R3/8
69
32,5
11
24
C01541638
16
R1/2
72
32,5
14
24
C01541648
Ø A
B
C
E
F
G
P
Model
4
M12x1
32,5
18,5
5,5
9
4
14
C00490400
6
M14x1
38
20,5
6
11
4
17
C00490600
8
M16x1
40,5
23
6,5
11,5
5
19
C00490800
10
M20x1
42,5
23,5
7
12
5
24
C00491000
12
M22x1
48
27,5
7,5
15
5
26
C00491200
E
ø A 1
E
B
E
B
E
ø A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27