Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7393 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 5Page - Analog Devices ADV7393 Datasheet HTML 6Page - Analog Devices ADV7393 Datasheet HTML 7Page - Analog Devices ADV7393 Datasheet HTML 8Page - Analog Devices ADV7393 Datasheet HTML 9Page - Analog Devices ADV7393 Datasheet HTML 10Page - Analog Devices ADV7393 Datasheet HTML 11Page - Analog Devices ADV7393 Datasheet HTML 12Page - Analog Devices ADV7393 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 9 of 96
TIMING DIAGRAMS
The following abbreviations are used in Figure 2 to Figure 9.
•
t9 = Clock high time
•
t10 = Clock low time
•
t11 = Data setup time
•
t12 = Data hold time
•
t13 = Control output access time
•
t14 = Control output hold time
In addition, refer to Table 30 for the ADV7390/ADV7391 input
configuration and Table 31 for the ADV7392/ADV7393 input
configuration.
t9
CLKIN
t10
CONTROL
OUTPUTS
HSYNC
VSYNC
Cr2
Cb2
Cr0
Cb0
IN MASTER/SLAVE MODE
IN SLAVE MODE
Y0
Y1
Y2
PIXEL PORT
CONTROL
INPUTS
t12
t11
t13
t14
Figure 2. SD Input, 8-/10-Bit 4:2:2 YCrCb (Input Mode 000)
IN MASTER/SLAVE MODE
IN SLAVE MODE
CLKIN
CONTROL
OUTPUTS
t9
t10
Cr2
Cb2
Cr0
Cb0
Y0
Y1
Y2
Y3
t12
t14
t11
t13
HSYNC
VSYNC
CONTROL
INPUTS
PIXEL PORT
PIXEL PORT
Figure 3. SD Input, 16-Bit 4:2:2 YCrCb (Input Mode 000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96