| Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7393 Fiches technique(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7393 Fiches technique(HTML) 40 Page - Analog Devices |
|
40 / 96 page ![]() ADV7390/ADV7391/ADV7392/ADV7393 Rev. 0 | Page 40 of 96 Table 29. Register 0xE0 to Register 0xF1 SR7 to Bit Number Reset SR0 Register1 Bit Description 7 6 5 4 3 2 1 0 Register Setting Value 0xE0 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE1 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE2 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE3 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE4 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE5 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE6 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE7 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE8 Macrovision MV Control Bits. x x x x x x x x 0x00 0xE9 Macrovision MV Control Bits. x x x x x x x x 0x00 0xEA Macrovision MV Control Bits. x x x x x x x x 0x00 0xEB Macrovision MV Control Bits. x x x x x x x x 0x00 0xEC Macrovision MV Control Bits. x x x x x x x x 0x00 0xED Macrovision MV Control Bits. x x x x x x x x 0x00 0xEE Macrovision MV Control Bits. x x x x x x x x 0x00 0xEF Macrovision MV Control Bits. x x x x x x x x 0x00 0xF0 Macrovision MV Control Bits. x x x x x x x x 0x00 0xF1 Macrovision MV Control Bit. 0 0 0 0 0 0 0 x Bits[7:1] must be 0 0x00 1 Macrovision registers are only available on the ADV7390 and the ADV7392. |