Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S71GS256 Fiches technique(PDF) 14 Page - SPANSION

No de pièce S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Fiches technique(HTML) 14 Page - SPANSION

Back Button S71GS256 Datasheet HTML 10Page - SPANSION S71GS256 Datasheet HTML 11Page - SPANSION S71GS256 Datasheet HTML 12Page - SPANSION S71GS256 Datasheet HTML 13Page - SPANSION S71GS256 Datasheet HTML 14Page - SPANSION S71GS256 Datasheet HTML 15Page - SPANSION S71GS256 Datasheet HTML 16Page - SPANSION S71GS256 Datasheet HTML 17Page - SPANSION S71GS256 Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 195 page
background image
14
S71GS256/128N_00_A0 December 17, 2004
Advan ce
In form ati o n
S71GS128NB0 Valid Combinations
Flash
Initial/Page
Speed (ns)
Address
Sector
Protection
(p)SRAM
Supplier
(p)SRAM
Type/
Access
Time (ns)
Package
Type
Package
Marking
Base
Ordering
Part Number
Package &
Temperature
Package
Modifier/
Model
Number
Packing
Type
S71GS128NB0
BAW
AK
0, 2, 3
(Note 1)
110/30
Lowest Add
CellRam 2
(Note 3)
70 / 25
8mmx11.6mm
84-ball Lead
(Pb)-free
Compliant
(Note 2)
AP
Highest Add
S71GS128NB0
BFW
AK
Lowest Add
8mmx11.6mm
84-ball Lead
(Pb)-free
AP
Highest Add
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
3. For specifications, refer to the CellularRam 2 module.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More