| Moteur de recherche de fiches techniques de composants électroniques |
|
S71GS256 Fiches technique(PDF) 11 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71GS256 Fiches technique(HTML) 11 Page - SPANSION |
|
11 / 195 page ![]() December 17, 2004 S71GS256/128N_00_A0 11 Ad vance Info rmat i o n Input/Output Descriptions A23-A0 = 24 Address inputs (256 Mb) A22-A0 = 23 Address inputs (128 Mb) DQ15-DQ0 = Data input/output OE# = Output Enable input. Asynchronous relative to CLK for the Burst mode. WE# = Write Enable input. VSS = Ground NC = No Connect; not connected internally F-RST# = Hardware reset input. Low = device resets and returns to reading array data WP#/ACC = Hardware write protect input / programming acceleration input. R-CE1# = Chip-enable input for pSRAM. ZZ# = pSRAM Sleep mode CRE = Configuration Register Enable. CRE is used only for power savings, but does not enable burst operations. F1-CE# = Chip-enable input for Flash 1. F-VCC = Flash 3.0 Volt-only single power supply. R-VCC = pSRAM Power Supply. R-UB# = Upper Byte Control (pSRAM). R-LB# = Lower Byte Control (pSRAM). RFU = Reserved for future use. RY/BY# = Ready/Busy output. F-VIO = Flash Input/Output Buffer Power Supply R-VIO = pSRAM Input/Output Buffer Power Supply |