| Moteur de recherche de fiches techniques de composants électroniques |
|
S71GS256 Fiches technique(PDF) 79 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71GS256 Fiches technique(HTML) 79 Page - SPANSION |
|
79 / 195 page ![]() December 15, 2004 S29GLxxxN_MCP_A1 S29GLxxxN MirrorBitTM Flash Family 79 Ad vance Info rmat i o n Secured Silicon Sector Entry Command The Secured Silicon Sector Entry command allows the following commands to be executed Read from Secured Silicon Sector Program to Secured Silicon Sector Once the Secured Silicon Sector Entry Command is issued, the Secured Silicon Sector Exit command has to be issued to exit Secured Silicon Sector Mode. Secured Silicon Sector Exit Command The Secured Silicon Sector Exit command may be issued to exit the Secured Sil- icon Sector Mode. |