Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NA-RTSM Fiches technique(PDF) 20 Page - Omron Electronics LLC

No de pièce NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Fiches technique(HTML) 20 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC NA-RTSM Datasheet HTML 17Page - Omron Electronics LLC NA-RTSM Datasheet HTML 18Page - Omron Electronics LLC NA-RTSM Datasheet HTML 19Page - Omron Electronics LLC NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC NA-RTSM Datasheet HTML 21Page - Omron Electronics LLC NA-RTSM Datasheet HTML 22Page - Omron Electronics LLC NA-RTSM Datasheet HTML 23Page - Omron Electronics LLC NA-RTSM Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
One object that has both button and lamp
functions can be created. This eliminates the
need for creating multiple objects, helping
create screens faster.
A lamp (indicator) can be set on a button.
Buttons with the lamp function
You can easily create Buttons with the lamp function.
Setting
Condition for lightning lamps
Touch(Button)
Pressing Button
Variable(Button)
Variable
Feedback(Button)
Feedback Expression
Touch(Button)
+Feedback(Button)
Pressing Button + Feedback
Expression
Touch(Button)
+Feedback(Indicator)
Button: Pressing Button
Indicator: Feedback Expression
Variable(Button)
+Feedback(Indicator)
Button: Variable
Indicator: Feedback Expression
■Types of Buttons with the lamp function
■Example
■Conceptual figure for setting objects
Page Editor
Provides a simple GUI and a full suite of functionality to assist and streamline the design process.
No need to recreate the button to change its type. The settings will be maintained even
the type has been changed, reducing the amount of work required for screen creation.
Changing type of button
The type of the Buttons including Set and Momentary can be changed easily in the properties
whenever you want, even during or after designing the Button.
Importing and exporting pages
Pages can be saved as library files and reused individually in other projects.
Save and manage as library file
Import to reuse
N E W
20
Bringing technology to life - NA Series, Machine Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36