| Moteur de recherche de fiches techniques de composants électroniques |
|
NA-RTSM Fiches technique(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
NA-RTSM Fiches technique(HTML) 7 Page - Omron Electronics LLC |
|
7 / 36 page ![]() Logging and displaying operations The system events that the NA Series detects and the operations that operators perform on the HMI can be logged. The logs can be displayed on the NA Series, and can also be saved as CSV files to display them on your PC. You can see who and when did what in a chronological order, helping you analyze errors. CSV Operation Displayed on NA Saved as CSV file for analysis on PC Increased security The NA Series can be configured to specific staff, with multi access levels with password protection. This ensures authorised people interact with the machine. Protecting your assets • Your project can be password-protected along with other applications (Control and Safety). • Transferring data can be protected (disable overwrite or theft). Remote access • You can view and operate the HMI installed at production sites from your tablet using Ethernet or WiFi. • The access of remote devices can be managed and limited. This helps prevent accidental operation and information leakage, while securing accessibility. Device A Access permitted Two devices (A, B) are accessing. Device B Access permitted Device C Unauthorized access prohibited Access permission client N E W 7 |