Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NA-RTSM Fiches technique(PDF) 12 Page - Omron Electronics LLC

No de pièce NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Fiches technique(HTML) 12 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 8Page - Omron Electronics LLC NA-RTSM Datasheet HTML 9Page - Omron Electronics LLC NA-RTSM Datasheet HTML 10Page - Omron Electronics LLC NA-RTSM Datasheet HTML 11Page - Omron Electronics LLC NA-RTSM Datasheet HTML 12Page - Omron Electronics LLC NA-RTSM Datasheet HTML 13Page - Omron Electronics LLC NA-RTSM Datasheet HTML 14Page - Omron Electronics LLC NA-RTSM Datasheet HTML 15Page - Omron Electronics LLC NA-RTSM Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Register a new resource group.
Set a variable for the ID
to switch the group in
the properties.
When the ID is specified by
the variable, the text string is
displayed according to the ID.
Touch
Tab Page1 is displayed.
SHOW your machine
- Greater visualization
Indirect reference of text strings
A text string that is displayed on a label object (1 line) or a text box object (1 or more lines) can be switched by
indirect reference. The machine operating status and alarm details can be easily displayed.
Tab control
A part of the screen can be used like a notepad.
Up to 64 tab pages for a Tab Control object can be
created, and up to 10 Tab Control objects can be
placed on a screen.
Change a tab page instead of a screen to monitor/
change various data.
Cool Objects
Various fonts
*1.Contact your Omron representative to obtain Cool Objects.
More than 16 million display colors (24-bit full color)
High-resolution bitmap graphics*1 and 67 different types of fonts can be used to create intuitive and good-looking
screens. In addition, DXF files are supported to display CAD data. Even if the drawing is enlarged or reduced in size,
it never loses quality.
12
Bringing technology to life - NA Series, Machine Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36