Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2-ICS20 Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce SL2-ICS20
Description  Smart Label IC SL2 ICS20 Functional Specification
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2-ICS20 Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button SL2-ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 9Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 10Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 11Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 12Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 13Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 14Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 15Page - NXP Semiconductors SL2-ICS20 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Philips Semiconductors
Product Specification Rev. 3.1
February 2005
Functional Specification
Standard Label IC SL2 ICS20
12
3.4.2.2 Write single block
As defined in ISO/IEC 15693-3.
Only Option 0 (option flag is not set) is supported.
3.4.2.3 Lock block
As defined in ISO/IEC 15693-3.
Only Option 0 (option flag is not set) is supported.
3.4.2.4 Read multiple blocks
As defined in ISO/IEC 15693-3.
Option 0 (option flag is not set) is supported.
Option 1 (option flag set) is supported.
Note: If the sum of the first block number and the number of blocks exceeds the total available number of
user blocks the number of transmitted blocks is less than the requested number of blocks, which
means that the last returned block is the highest available user block, followed by the 16 bit CRC and
the EOF.
3.4.2.5 Select
As defined in ISO/IEC 15693-3.
3.4.2.6 Reset to ready
As defined in ISO/IEC 15693-3.
3.4.2.7 Write AFI
As defined in ISO/IEC 15693-3.
Only Option 0 (option flag is not set) is supported.
3.4.2.8 Lock AFI
As defined in ISO/IEC 15693-3.
Only Option 0 (option flag is not set) is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25