| Moteur de recherche de fiches techniques de composants électroniques |
|
SL2-ICS20 Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2-ICS20 Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 25 page ![]() Philips Semiconductors Product Specification Rev. 3.1 February 2005 Functional Specification Standard Label IC SL2 ICS20 6 3 FUNCTIONAL DESCRIPTION 3.1 Block Description 32 Bit Analogue RF Interface Digital Control EEPROM Sequencer Charge Pump VDD Data In Data Out Clock R/W Anticollision Read/Write Control Access Control EEPROM Interface Control RF Interface Control PAD VREG V RECT DEMOD Cres MOD PAD CLK ISO/IEC 15693 The label requires no internal power supply. Its contactless interface generates the power supply and the system clock via the resonant circuitry by inductive coupling to the interrogator. The interface also demodulates data that are transmitted from the interrogator to the I•CODE Label, and modulates the electromagnetic field for data transmission from the I•CODE Label to the interrogator. Data are stored in a non-volatile memory (EEPROM). The EEPROM has a memory capacity of 1024 bit and is organised in 32 blocks consisting of 4 bytes each (1 block = 32 bits). The higher 28 blocks contain user data and the lowest 4 blocks contain the unique identifier, the write access conditions and special data like AFI and DSFID. |