| Moteur de recherche de fiches techniques de composants électroniques |
|
SL2-ICS20 Fiches technique(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2-ICS20 Fiches technique(HTML) 21 Page - NXP Semiconductors |
|
21 / 25 page ![]() Philips Semiconductors Product Specification Rev. 3.1 February 2005 Functional Specification Standard Label IC SL2 ICS20 21 4 INLET/LABEL CHARACTERISATION AND TEST The parameters recommended to be characterised for the inlet/label are: Parameter Symbol Conditions Resonant frequency fres Resonant frequency @ Tamb = 22 °C @ Hmin Threshold value of the field strength for read single block command Hmin Read single block command OK Threshold value of the field strength for write single block command Hwrite Write single block (and verifying read single block) command OK To detect damage of EEPROM cells during production of inlets/labels a final test of the EEPROM after assembly of the inlet/label is recommended. This is necessary to achieve lowest failure rates. |