| Moteur de recherche de fiches techniques de composants électroniques |
|
CGE Fiches technique(PDF) 8 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
CGE Fiches technique(HTML) 8 Page - ITT Industries |
|
8 / 11 page ![]() CGE 8 Dimensions are mm (inches) Subject to changes CGE6E...B-14 Straight plug acc to VG 96929F, 360 ° HF shielding by grounding fingers, endbells for clamp connection of shielding braid and for heat shrink boots, metric crimp contacts Shell size c d 1 d 2 d 4 gh l 1 SW ± 0,3 max ± 0,15 ± 0,1 ± 0,1 ± 0,4 max 16 26,0 32,0 24,0 15,5 1,0 25,5 68,0 26 18 32,0 36,5 28,7 20,0 1,0 26,0 73,5 32 22 37,0 43,1 33,7 25,5 1,0 26,0 84,0 38 28 44,0 53,0 40,0 32,0 1,0 26,0 98,0 50 32 31,0 60,1 47,2 38,0 1,0 28,0 95,5 54 CGE8E...B-03 90 ° plug with adapter for heat shrink boots, metric crimp contacts CGE8E...B-14 90 ° plug acc to VG 96929E, with grounding fingers, adapter for shielding braid and for use with heat shrink boots, metric crimp contacts Shell size d 1 d 3 l 1 l 3 l 4 l 6 lSW max max ± 1,0 max max ± 0,2 max 22 43,1 42,0 80,0 41 56 3,2 101,0 38 28 53,0 48,0 78,0 41 56 3,2 102,0 50 32 60,1 52,5 84,0 41 56 3,2 112,0 52 CGE9E...X-B-04 Bulkhead acc to VG 96929C2, with through holes in flange Shell size ad 1 el 1 l 2 l 3 l 4 – 0,15 ± 0,1 max ± 0,3 ± 0,1 ± 0,3 22 46,7 5,3 39,7 51,5 20,6 4,0 50,8 |